Part Number Hot Search : 
D105K 0160B NS5S1153 030000 MKT1820 IRF3707L VT83205Q LAS15A06
Product Description
Full Text Search
 

To Download IN74HC75A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HC75A
Dual 2-Bit Transparent Latch
High-Performance Silicon-Gate CMOS
The IN74HC75A is identical in pinout to the LS/ALS75. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. This device consists of two independent 2-bit transparent latches and can be used as temporary storage for binary information between processing units and input/output or indicator units. Each latch stores the input data while Latch Enable is at a logic low. The outputs follow the data inputs when Latch Enable is at a logic high. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION IN74HC75AN Plastic IN74HC75AD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
PIN 5=VCC PIN 12 = GND
FUNCTION TABLE
Inputs D L H X Latch Enable H H L Outputs Q L H Q0 Q H L Q0
X = Don't Care Q0 = latched data
Rev. 00
IN74HC75A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Rev. 00
IN74HC75A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 4.0 85 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 40 125 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 80 A A V Unit
VIH
Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT 5.2 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
V
VIL
V
VOH
V
VOL
Maximum LowLevel Output Voltage
VIN= VIL or VIH IOUT 20 A VIN= VIL or VIH IOUT 4.0 mA IOUT 5.2 mA
IIN ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
VIN=VCC or GND VIN=VCC or GND IOUT=0A
Rev. 00
IN74HC75A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol Parameter V Guaranteed Limit 25 C to -55C 125 25 21 110 22 19 145 29 25 125 25 21 75 15 13 10 85C 125C Unit
tPLH, tPHL
Maximum Propagation Delay, D to Q (Figures 1 and 5) Maximum Propagation Delay , D to Q (Figures 1 and 5) Maximum Propagation Delay ,Latch Enable to Q (Figures 2 and 5) Maximum Propagation Delay ,Latch Enable to Q (Figures 2 and 5) Maximum Output Transition Time, Any Output (Figures 3 and 5) Maximum Input Capacitance Power Dissipation Capacitance (Per Latch)
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -
155 31 26 140 28 24 180 36 31 155 31 26 95 19 16 10
190 38 32 165 33 28 220 44 38 190 38 32 110 22 19 10
ns
tPLH, tPHL
ns
tPLH, tPHL
ns
tPLH, tPHL
ns
tTLH, tTHL
ns
CIN
pF
Typical @25C,VCC=5.0 V 35 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
TIMING REQUIREMENTS (CL=50pF, Input tr=tf=6.0 ns)
VCC Symbol tSU Parameter Minimum Setup Time, Input D to Latch Enable (Figure 4) Minimum Hold Time,Latch Enable to D (Figure 4) Minimum Pulse Width, Latch Enable Input (Figure 2) Maximum Input Rise and Fall Times (Figure 1) V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 25 C to -55C 100 20 17 25 5 5 80 16 14 1000 500 400 Guaranteed Limit 85C 125 25 21 30 6 6 100 20 17 1000 500 400 125C 150 30 26 40 8 7 120 24 20 1000 500 400 Unit ns
th
ns
tw
ns
tr, tf
ns
Rev. 00
IN74HC75A
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
Figure 5. Test Circuit
EXPANDED LOGIC DIAGRAM
Rev. 00
IN74HC75A
N SUFFIX PLASTIC DIP (MS - 001BB)
A
Dimension, mm
16 9 B
Symbol A
MIN 18.67 6.1
MAX 19.69 7.11 5.33
1
8
B C
F L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC) Dimension, mm
A 16 9
Symbol A
MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 10 4 1.75 0.51 1.27
H
B
P
B C
1
G
8 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC75A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X